Part Number Hot Search : 
GM5401 R05D15 CN100 R325CHX TA8864 D6432 LPO2506 MJD32B
Product Description
Full Text Search
 

To Download MC74HC151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
8-Input Data Selector/Multiplexer
High-Performance Silicon-Gate CMOS
The MC74HC151 is identical in pinout to the LS151. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. This device selects one of the eight binary Data Inputs, as determined by the Address Inputs. The Strobe pin must be at a low level for the selected data to appear at the outputs. If Strobe is high, the Y output is forced to a low level and the Y output is forced to a high level. The HC151 is similar in function to the HC251 which has 3-state outputs. * * * * * * Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2 to 6 V Low Input Current: 1 A High Noise Immunity Characteristic of CMOS Devices In Compliance with the Requirements Defined by JEDEC Standard No. 7A * Chip Complexity: 132 FETs or 33 Equivalent Gates
16
MC74HC151
N SUFFIX PLASTIC PACKAGE CASE 648-08
1
16 1
D SUFFIX SOIC PACKAGE CASE 751B-05
ORDERING INFORMATION MC74HCXXXN MC74HCXXXD Plastic SOIC
PIN ASSIGNMENT
D3 D2 D1 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC D4 D5 D6 D7 A0 A1 A2
LOGIC DIAGRAM
4 3 2 1 5Y DATA OUTPUTS 6Y A2 X L L L L H H H H
D0 Y
D0 D1 D2 DATA INPUTS D3
Y STROBE GND
D4 15 D5 14 D6 13 D7 12 A0 11 10 A1 A2 9 7 PIN 16 = VCC PIN 8 = GND
FUNCTION TABLE
Inputs A1 X L L H H L L H H A0 X L H L H L H L H Strobe H L L L L L L L L Outputs Y L D0 D1 D2 D3 D4 D5 D6 D7 Y H D0 D1 D2 D3 D4 D5 D6 D7
ADDRESS INPUTS
STROBE
D0, D1, ..., D7 = the level of the respective D input.
10/95
(c) Motorola, Inc. 1995
1
REV 6
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I III I I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III I III I I I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII III I III I I III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
RECOMMENDED OPERATING CONDITIONS
MC74HC151
Symbol
Vin, Vout
Symbol
Symbol
VCC
Vout
Tstg
ICC
Iout
VCC
Vin
PD
TL
VOH
tr, tf
Iin
VOL
ICC
TA
VIH
VIL
Iin
Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Storage Temperature
Power Dissipation in Still Air
DC Supply Current, VCC and GND Pins
DC Output Current, per Pin
DC Input Current, per Pin
DC Output Voltage (Referenced to GND)
DC Input Voltage (Referenced to GND)
DC Supply Voltage (Referenced to GND)
Input Rise and Fall Time (Figure 1)
Operating Temperature, All Package Types
DC Input Voltage, Output Voltage (Referenced to GND)
DC Supply Voltage (Referenced to GND)
Maximum Quiescent Supply Current (per Package)
Maximum Input Leakage Current
Maximum Low-Level Output Voltage
Minimum High-Level Output Voltage
Maximum Low-Level Input Voltage
Minimum High-Level Input Voltage
Parameter
Parameter
Parameter
Plastic DIP SOIC Package
Vin = VIH or VIL |Iout| 20 A
Vin = VIH or VIL |Iout| 20 A
Vin = VCC or GND Iout = 0 A
Vin = VCC or GND
Vin = VIH or VIL |Iout| |Iout|
Vin = VIH
Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A
Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A
v
v
v
v
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
Test Conditions
- 0.5 to VCC + 0.5
- 1.5 to VCC + 1.5
|Iout| |Iout|
- 65 to + 150
- 0.5 to + 7.0
2 - 55 Min 2.0 Value
v 4.0 mA v 5.2 mA
v 4.0 mA v 5.2 mA
0 0 0
0
50
25
20
260
750 500
+ 125
1000 500 400
VCC
Max
6.0
VCC V
6.0
6.0
4.5 6.0
2.0 4.5 6.0
4.5 6.0
2.0 4.5 6.0
2.0 4.5 6.0
2.0 4.5 6.0
Unit
Unit
mW
mA
mA
mA
_C
_C
_C
ns
V
V
V
V
V
- 55 to 25_C
0.1
1.5 3.15 4.2
0.26 0.26
3.98 5.48
0.1 0.1 0.1
1.9 4.4 5.9
0.3 0.9 1.2
8
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Guaranteed Limit
v 85_C v 125_C
High-Speed CMOS Logic Data DL129 -- Rev 6 1.0 1.5 3.15 4.2 0.33 0.33 3.84 5.34 0.1 0.1 0.1 1.9 4.4 5.9 0.3 0.9 1.2 80
v
1.0 1.5 3.15 4.2 0.40 0.40 3.70 5.20 0.1 0.1 0.1 1.9 4.4 5.9 0.3 0.9 1.2
160
v
Unit
A A V V V V
MC74HC151
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit Symbol tPLH, tPHL tPLH, tPHL tPLH, tPHL tTLH, tTHL Cin Parameter VCC V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -- - 55 to 25_C 185 37 31 205 41 35 125 25 21 75 15 13 10
v 85_C v 125_C
230 46 39 255 51 43 155 31 26 95 19 16 10 280 56 48 310 62 53 190 38 32 110 22 19 10
Unit ns
Maximum Propagation Delay, Input D to Output Y or Y (Figures 1, 3 and 6) Maximum Propagation Delay, Input A to Output Y or Y (Figures 2 and 6) Maximum Propagation Delay, Strobe to Output Y or Y (Figures 4, 5 and 6) Maximum Output Transition Time, Any Output (Figures 1 and 6) Maximum Input Capacitance
ns
ns
ns
pF
NOTES: 1. For propagation delays with loads other than 50 pF, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). 2. Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V CPD Power Dissipation Capacitance (Per Package)* 36
pF
* Used to determine the no-load dynamic power consumption: PD = CPD VCC 2 f + ICC VCC . For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
PIN DESCRIPTIONS
INPUTS D0, D1, ... , D7 (Pins 4, 3, 2, 1, 15, 14, 13, 12) Data inputs. Data on any one of these eight binary inputs may be selected to appear on the output. CONTROL INPUTS A0, A1, A2 (Pins 11, 10, 9) Address inputs. The data on these pins are the binary address of the selected input (see the Function Table). Strobe (Pin 7) Strobe. This input pin must be at a low level for the selected data to appear at the outputs. If the Strobe pin is high, the Y output is forced to a low level and the Y output is forced to a high level. OUTPUTS Y, Y (Pins 5, 6) Data outputs. The selected data is presented at these pins in both true (Y output) and complemented (Y output) forms.
High-Speed CMOS Logic Data DL129 -- Rev 6
3
MOTOROLA
MC74HC151
SWITCHING WAVEFORMS
tr INPUT D tPLH OUTPUT Y tTLH 90% 50% 10% tTHL 90% 50% 10% tPHL tf VCC INPUT A GND tPLH OUTPUT Y OR Y 50% tPHL 50% GND VALID VALID VCC
Figure 1.
Figure 2.
tr INPUT D tPHL OUTPUT Y tTHL 90% 50% 10% 90% 50% 10%
tf VCC GND tPLH Y tTLH tTLH 90% STROBE 50% 10% tPLH
tf
tr VCC GND tPHL 90% 50% 10% tTHL
Figure 3.
Figure 4.
TEST POINT tf 90% 50% STROBE 10% tPHL Y 90% 50% 10% tTHL tTLH * Includes all probe and jig capacitance tPLH tr VCC GND DEVICE UNDER TEST OUTPUT CL*
Figure 5.
Figure 6. Test Circuit
MOTOROLA
4
High-Speed CMOS Logic Data DL129 -- Rev 6
MC74HC151
EXPANDED LOGIC DIAGRAM
4 3
D0 D1
D2 2 D3 1 DATA INPUTS D4 15 D5 14 D6 13 D7 12 A0 11 5Y 6Y
DATA OUTPUTS
ADDRESS INPUTS
A1 10
A2
9
STROBE
7
High-Speed CMOS Logic Data DL129 -- Rev 6
5
MOTOROLA
MC74HC151
OUTLINE DIMENSIONS
N SUFFIX PLASTIC PACKAGE CASE 648-08 ISSUE R
B
1 8
-A -
16 9
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MILLIMETERS MIN MAX MIN MAX 0.740 0.770 18.80 19.55 6.35 0.250 0.270 6.85 3.69 0.145 0.175 4.44 0.39 0.015 0.021 0.53 1.02 0.040 0.070 1.77 0.100 BSC 2.54 BSC 0.050 BSC 1.27 BSC 0.21 0.008 0.015 0.38 2.80 0.110 0.130 3.30 7.50 0.295 0.305 7.74 0 0 10 10 0.020 0.040 0.51 1.01
F S
C
L
-T - H G D 16 PL 0.25 (0.010)
M
SEATING PLANE
K
J TA
M
M
-A -
16 9
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-B -
1 8
P 8 PL 0.25 (0.010)
M
B
M
G F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 4.00 3.80 1.75 1.35 0.49 0.35 1.25 0.40 1.27 BSC 0.25 0.19 0.25 0.10 7 0 6.20 5.80 0.50 0.25 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0 7 0.229 0.244 0.010 0.019
K C -T SEATING -
PLANE
R X 45
M D 16 PL 0.25 (0.010)
M
J
T
B
S
A
S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA
CODELINE
6
*MC74HC151/D*
MC74HC151/D High-Speed CMOS Logic Data DL129 -- Rev 6


▲Up To Search▲   

 
Price & Availability of MC74HC151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X